Part Number Hot Search : 
MOC3052 FQP6N50 SM5623NF 1605000 TS1872 30402 PA190 OZ964G
Product Description
Full Text Search
 

To Download PG203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low cost glass passivated junction. l ow l ea k age low forward voltage drop high current capability and s im ilar s olvents mechanical data case:jedec do-15,molded plastic terminals: axial lead ,solderable per mil- std-202,method 208 polarity: color band denotes cathode weight: 0.014 ounces,0.39 grams mounting position: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. pg 203 pg 204 pg 205 pg 206 pg 207 pg 208 units maximum recurrent peak reverse voltage v rrm 300 400 500 600 800 1000 v max imum rms v olt age v rms 210 280 350 420 560 700 v maximum dc blocking voltage v dc 300 400 500 600 800 1000 v maximum average forw ard rectified current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 2.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximum reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg note:1. measured with i f =0.5a, i r =1a, i rr =0.25a. voltage range: 100 --- 1000 v current: 2.0 a 200 pg 202 a 2.0 f a st r e c o ve r y r e c t i f i er s i f(av) the plastic material carries u/l recognition 94v-0 a i fsm 3. thermal resistance f rom junction to ambient. a 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. i r 100.0 70.0 1.3 5.0 pg201---pg208 d o - 1 5 100 70 100 pg 201 easily cleaned with freon,alcohol,isopropanol 200 140 - 55---- + 150 150 250 500 18 45 - 55---- +150 dimensions in millimeters www.diode.kr diode semiconductor korea
.1 .2 .4 1 .0 2 4 1 0 2 0 4 0 1 0 0 1 2 4 10 20 40 60 100 tj=25 f=1mhz 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 0.01 0.02 0.06 0.1 0.2 0.4 1.0 2 4 10 100 t j =25 pulse width=300 1 100 42 10 28 14 56 70 t j =125 8.3ms single half sine-wave amperes amperes amperes junction capacitance,pf peak forward surge current instantaneous forward current pg201---pg208 s e t t i m e b a s e f o r 50 / 100 /250 ns / c m ambient temperature, number of cycles at 60 hz notes:1.rise time =75ns max. input impedance=1m .22pf fi g. 1 -- reverse recovery ti me characteri sti c and test ci rcui t di agram fi g. 2 --forward current derati ng curve instantaneous forward voltage,volts reverse voltage,volts fi g. 4--forward characteri sti cs fig.5-- typical junction capacitance 2. rise time=10ns ma x. source impeda nce=5o average forward current fi g. 3 --peak forward surge current www.diode.kr diode semiconductor korea


▲Up To Search▲   

 
Price & Availability of PG203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X